Part Number Hot Search : 
128J3 MOC8101 SUT390J RX1020 016C2 2SC3328 S1002 2SK4014
Product Description
Full Text Search
 

To Download MSS6132-563MLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C mss6132 document 641-1 document 641-1 revised 03/06/12 designers kit c364 contains 3 of each value core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant matte tin over nickel over phos bronze (current production) or gold over nickel over phos bronze (prior production). other terminations available at additional cost. weight 0.33 C 0.38 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 500/7 reel, 1500/13 reel; plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing, 3.1 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. dcr srf i sat (a) 4 i rms (a) 5 inductance 2 max typ 3 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise mss6132-472ml_ 4.7 0.043 65.0 2.18 2.60 2.84 2.30 3.10 mss6132-562ml_ 5.6 0.048 60.0 2.10 2.50 2.74 2.20 2.95 mss6132-682ml_ 6.8 0.052 47.0 1.80 2.12 2.30 2.10 2.80 mss6132-822ml_ 8.2 0.055 45.0 1.78 2.06 2.22 2.00 2.65 mss6132-103ml_ 10 0.070 39.0 1.36 1.64 1.84 1.90 2.50 mss6132-123ml_ 12 0.079 33.0 1.30 1.54 1.70 1.75 2.35 mss6132-153ml_ 15 0.106 27.0 1.16 1.42 1.56 1.65 2.20 mss6132-183ml_ 18 0.118 24.0 1.04 1.22 1.36 1.55 2.05 mss6132-223ml_ 22 0.158 21.0 0.97 1.12 1.22 1.45 1.90 mss6132-273ml_ 27 0.180 19.0 0.91 1.08 1.18 1.30 1.75 mss6132-333ml_ 33 0.250 18.0 0.81 0.96 1.10 1.20 1.60 mss6132-393ml_ 39 0.275 17.0 0.79 0.92 0.99 1.10 1.45 mss6132-473ml_ 47 0.300 16.0 0.72 0.86 0.93 0.95 1.30 mss6132-563ml_ 56 0.380 14.0 0.61 0.72 0.79 0.85 1.15 mss6132-683ml_ 68 0.410 12.0 0.55 0.63 0.69 0.73 1.00 mss6132-823ml_ 82 0.510 10.0 0.53 0.62 0.67 0.60 0.85 mss6132-104ml_ 100 0.660 9.0 0.45 0.54 0.59 0.50 0.69 ? 6.1 6.1 mm footprint; 3.2 mm high shielded inductors ? low dcr and excellent current handling 1. please specify termination and packaging codes: mss6132-823m lc termination: l = rohs compliant matte tin over nickel over phos bronze (current production) or gold over nickel over phos bronze (prior production) special order: t = rohs tin-silver-copper (95.5/4/0.5) over gold over nickel over phos bronze or s = non-rohs tin-lead (63/37) over gold over nickel over phos bronze. packaging: c = 7 machine-ready reel eia-481 embossed plastic tape (500 per full reel). b = less than full reel in tape, but not machine-ready. to have a lead - er and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel eia-481 embossed plastic tape. factory order only, not stocked (1500 per reel per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4263b lcr meter or equivalent. 3. srf measured using agilent/hp 4191a or equilvalent. 4. dc current at which the inductance drops the speci - fed amount from its value without current. 5. current that causes the specifed temperature rise from 25c ambient. 6. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 641-2 smt power inductors C mss6132 0.01 0.1 11 0 current (a) 1 10 100 1000 inductance (h) 100 h 4.7 h 22 h typical l vs current irms derating -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i typical l vs frequency 0.01 0.1 11 0 frequency (mhz) 10 1 100 1000 inductance (h) 1 00 h 22 h 4.7 h dimensions are in inches mm max 0.220 5,6 0.220 5,6 0.079 2,0 0.240 6,1 0.240 6,1 123 * * * 0.126 3,2 dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.016 in / 0,4 mm. 0.237 6,0 0.237 6,0 min recommended land p attern 0.079 2,0 0.191 4,85 ? document 641-2 revised 03/06/12 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of MSS6132-563MLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X